Part Number Hot Search : 
SKA06N60 1191CB E3124 GS3BB HD74LV SI1029X 63245 KV1913A1
Product Description
Full Text Search
 

To Download 2SD2465 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD2465, 2SD2465A
Silicon NPN epitaxial planar type
For low-voltage switching Complementary to 2SB1603
Unit: mm
s Features
q q q
4.60.2 3.20.1 9.90.3 2.90.2
15.00.3
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SD2465 2SD2465A 2SD2465 Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(TC=25C)
Ratings 40 50 20 40 5 8 4 25 2 150 -55 to +150 Unit V
4.10.2 8.00.2 Solder Dip
3.00.2
Low collector to emitter saturation voltage VCE(sat) High-speed switching Full-pack package superior in insulation, which can be installed to the heat sink with one screw
13.7-0.2
+0.5
1.20.15 1.450.15 0.750.1 2.540.2 5.080.4 123
2.60.1 0.70.1
emitter voltage 2SD2465A Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
V V A A W C C
7
1:Base 2:Collector 3:Emitter TO-220E Full Pack Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage 2SD2465 2SD2465A 2SD2465 2SD2465A
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2* VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = 40V, IE = 0 VCB = 50V, IE = 0 VEB = 5V, IC = 0 IC = 10mA, IB = 0 VCE = 2V, IC = 0.1A VCE = 2V, IC = 1A IC = 2A, IB = 0.1A IC = 2A, IB = 0.1A VCE = 5V, IC = 0.5A, f = 10MHz IC = 2A, IB1 = 0.2A, IB2 = - 0.2A, VCC = 20V 120 0.2 0.5 0.1 20 40 45 90 260 0.5 1.5 V V MHz s s s min typ max 50 50 50 Unit A A V
Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*h
FE2
Rank classification
Q 90 to 180 P 130 to 260
Rank hFE2
1
Power Transistors
PC -- Ta
40 6 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) With a 50 x 50 x 2mm Al heat sink (4) Without heat sink (PC=2.0W) TC=25C 5 IB=60mA 50mA 40mA 30mA 3 20mA 2 10mA 1 5mA 0 0 25 50 75 100 125 150 0 2 4 6 8 10 12
2SD2465, 2SD2465A
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 IC/IB=10 30 10 3 1 TC=100C 0.3 0.1 0.03 0.01 0.01 0.03 25C -25C
VCE(sat) -- IC
Collector power dissipation PC (W)
35 30 25 20 15 10 5 0 (2) (3) (4) (1)
Collector current IC (A)
4
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100 10000 IC/IB=10
hFE -- IC
10000 VCE=2V 3000 1000 300 100 30 10 3 1 0.01 0.03
fT -- IC
VCE=5V f=10MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
10 3 25C 1 0.3 0.1 0.03 0.01 0.01 0.03 TC=-25C 100C
1000 300 100 -25C 30 10 3 1 0.1 TC=100C 25C
0.1
0.3
1
3
10
0.3
1
3
10
30
100
Transition frequency fT (MHz)
30
3000
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
ton, tstg, tf -- IC
10 Pulsed tw=1ms Duty cycle=1% IC/IB=10 (IB1=-IB2) VCC=20V TC=25C tstg
Area of safe operation (ASO)
100 30 Non repetitive pulse TC=25C
Switching time ton,tstg,tf (s)
3
Collector current IC (A)
10 ICP IC 3 10ms 1 0.3 0.1 0.03 DC t=1ms
1
0.3
ton tf
0.1
0.03
0.01 0 1 2 3 4 5 6 7 8
0.01 1 3 10
30
2SD2465A
100
2SD2465
300
1000
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
102 (1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink (1)
2SD2465, 2SD2465A
Thermal resistance Rth(t) (C/W)
10
(2)
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SD2465

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X